Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6383G Datasheet(PDF) 7 Page - Silicon Standard Corp.

No. de pieza SS6383G
Descripción Electrónicos  1.5A DDR Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383G Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS6383G Datasheet HTML 1Page - Silicon Standard Corp. SS6383G Datasheet HTML 2Page - Silicon Standard Corp. SS6383G Datasheet HTML 3Page - Silicon Standard Corp. SS6383G Datasheet HTML 4Page - Silicon Standard Corp. SS6383G Datasheet HTML 5Page - Silicon Standard Corp. SS6383G Datasheet HTML 6Page - Silicon Standard Corp. SS6383G Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
7 of 7
10/07/2004 Rev.1.01
SS6383(G)
PHYSICAL DIMENSIONS (unit: mm)
SO-8
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27BSC
H
5.80
6.20
h
0.25
0.50
L
0.40
1.27
Θ
D
H
e
A
B
C
E
L
Θ
h x 45°
Gauge Plane
Seating Plane
0.25


Número de pieza similar - SS6383G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AGE5TR SSC-SS6383AGE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
More results

Descripción similar - SS6383G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com