Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS6521 Datasheet(PDF) 1 Page - Silicon Standard Corp. |
|
SS6521 Datasheet(HTML) 1 Page - Silicon Standard Corp. |
1 / 8 page www.SiliconStandard.com 1 of 8 SS6521 !" FEATURES •Ω #" !!"#!$ %% #" &µ'$($(' %% #" µ'$())$(' %% #" %%#*!% %+%!! #" %$( # +%!! % ,%%% !! #" -%,!($#!.!"%"$"!))$ $%- #" $ / !% % $ ))$ #" (!%0$$"% #" ,!%,#!$/( !" APPLICATIONS #" !%/!$%-1$$ #" -1+!%$$ #" !+(+!%(" #" 1$%' $%% % #" +!%2"%/! !" TYPICAL APPLICATION CIRCUIT !" DESCRIPTION 6 " $ %$ " !%")!%"()!%$/"!% -,%"$( %$( 1" -1 $($!" " " " $ Ω 34 " -1 ,!($ %! %5%" )!% $6 %$"""! % ("0*"!%!((/' # %% " '$((' ( ! 4 (( /(! "$)' %5%4 $ %$( "!)!"""!))!%, $$%!,%%%!!" 7$%$ ! %" (" %"%%%!(48 $%,,!($$"%$!%)%! %!6"",(' µ µ µ µ µ µ Rev.2.01 6/26/2003 |
Número de pieza similar - SS6521 |
|
Descripción similar - SS6521 |