Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6526-1GOTB Datasheet(PDF) 4 Page - Silicon Standard Corp.

No. de pieza SS6526-1GOTB
Descripción Electrónicos  Dual USB High-Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526-1GOTB Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6526-1GOTB Datasheet HTML 1Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 2Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 3Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 4Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 5Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 6Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 7Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 8Page - Silicon Standard Corp. SS6526-1GOTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
4
ELECTRICAL CHARACTERISTICS
(VIN= 5V, TA=25°C, unless otherwise specified.) (Note 1)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Current
VCTL =Logic “0”, OUT=Open
VCTL =Logic “1”, OUT=Open
0.75
110
5
160
µA
Control Input Voltage
VCTL =Logic “0”
VCTL =Logic “1”
2.4
0.8
V
Control Input Current
VCTL =Logic “0”
VCTL =Logic “1”
0.01
0.01
1
1
µA
Control Input Capacitance
1
pF
Output MOSFET Resistance
110
150
m
Output Turn-On Rise Delay
RL = 10Ω each Output
100
µS
Output Turn-On Rise Time
RL = 10Ω each Output
1000
2500
µS
Output Turn-Off Delay
RL = 10Ω each Output
0.8
20
µS
Output Turn-Off Fall Time
RL = 10Ω each Output
0.7
20
µS
Output Leakage Current
10
µA
Current Limit Threshold
0.6
1.0
1.25
A
Over Temperature Shutdown
Threshold
TJ Increasing
TJ Decreasing
135
125
°C
Error Flag Output Resistance
VIN = 5V, IL =10 mA
VIN = 3.3V, IL =10mA
10
15
25
40
Error Flag Off Current
VFLG = 5V
0.01
1
µA
UVLO Threshold
VIN Increasing
VIN Decreasing
2.6
2.4
V
Note 1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
SS6526


Número de pieza similar - SS6526-1GOTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results

Descripción similar - SS6526-1GOTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com