Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6730-18CVTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

No. de pieza SS6730-18CVTR
Descripción Electrónicos  150mA Low-Noise, Low-Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730-18CVTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6730-18CVTR Datasheet HTML 1Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 2Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 3Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6730-18CVTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 11
SS6730
ORDERING INFORMATION
PIN CONFIGURATION
Packing type
TR: Tape and reel
Package type
V: SOT-23-5
Q: SOT-23-6W
Output voltage
18: 1.8V
.
.
.
285: 2.85V
.
.
33: 3.3V
The output voltage is available
in 0.1V increments.
SS6730-XX CXXX
Example: SS6730-18CVTR
1.8V version, in SOT-23-5 package
shipped on tape and reel.
3
2
1
4
6
5
SOT-23-5 (CV)
TOP VIEW
1: VIN
2: GND
3: SHDN
4: BP
5: VOUT
SOT-23-6W (CQ)
TOP VIEW
1: SHDN
2: GND
3: BP
4: VOUT
5: GND
6: VIN
3
2
1
4
5
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.................……………………………… ..………………… ....................12V
Operating Temperature Range
.………………………………………………… .....-40ºC~85ºC
Storage Temperature Range
................…………………………………… .........-65ºC~150ºC
Shutdown Terminal Voltage
..……………………………………………………… ..............12V
Noise Bypass Terminal Voltage
.…………………………… .……………………… ..............5V
Thermal Resistance (Junction to Case)
SOT-23-5 … ....……… ..……… ..……… ..130
°C /W
Thermal Resistance Junction to Ambient
SOT-23-5 … ....…… ..………… ..……… ..220
°C /W
(Assume no ambient airflow, no heatsink)
1/26/2004 Rev.2.02


Número de pieza similar - SS6730-18CVTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXBG SSC-SS6732-33CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXTR SSC-SS6732-33CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXBG SSC-SS6732-34CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXTR SSC-SS6732-34CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results

Descripción similar - SS6730-18CVTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com