Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6732-50CXTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

No. de pieza SS6732-50CXTR
Descripción Electrónicos  300mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732-50CXTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6732-50CXTR Datasheet HTML 1Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 2Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 3Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 4Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 5Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 6Page - Silicon Standard Corp. SS6732-50CXTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS6732
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Dropout Voltage
(Note 4)
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
IOUT=300mA
400
400
540
540
540
540
540
540
500
500
640
640
640
640
640
640
mV
Ground Current
IOUT=0.1mA~IMAX
SS6732-52
SS6732-50
SS6732-38
SS6732-37
SS6732-36
SS6732-35
SS6732-34
SS6732-33
V
IN=5.5~12V
V
IN=5.5~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
V
IN=4~12V
55
55
55
55
55
55
55
55
80
80
80
80
80
80
80
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.
n TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Output Voltage vs. Temperature
Temperature (°C)
0
50
100
96
98
100
103
104
0
-40
125
Fig. 2
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
Rev.2.01 6/26/2003


Número de pieza similar - SS6732-50CXTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

Descripción similar - SS6732-50CXTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com