Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6845GGTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

No. de pieza SS6845GGTR
Descripción Electrónicos  Regulated 5V Charge Pump
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6845GGTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6845GGTR Datasheet HTML 5Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 6Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 7Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 8Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 9Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 10Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 11Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 12Page - Silicon Standard Corp. SS6845GGTR Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.SiliconStandard.com
10 of 13
SS6845G
7/21/2005 Rev.3.01
2. Package Size: A ceramic capacitor with
large volume (0805), gets a lower ESR than
a small one (0603). Therefore, larger devices
provide
improved transient response over
smaller ones.
Table 1 lists the recommended components for
use with the SS6845G.
Table.1 Bill of Material
Design-
ator
Part
Type
Description
Vendor
CIN
2.2
µ
CELMK212BJ-
225MG (X5R)
TAIYO
YUDEN
CFLY
0.22
µ
CEEMK212BJ
-224KG (X7R)
TAIYO
YUDEN
COUT
2.2
µ
CELMK212BJ-
225MG (X5R)
TAIYO
YUDEN
Power Dissipation
Now, le
t’s look at the power dissipation in R DS-ON
and ESR. Assume that the RDS-ON of each internal
switching element in the SS6845G is equal and ESR
is the equivalent series resistance of CFLY (refer
to
Fig. 20 and Fig. 21). The approximation of the
power losses of RDS-ON and ESR are given below:
R
D)
-
D(1
2
I
)
R
D
-
1
2
(
I
)
R
D
2
(
I
D)
-
(1
2R
)
D
-
1
I
(
D
2R
)
2D
2I
(
D)
-
(1
2R
)
D
-
1
I
(
D
2R
)
2D
I
(
)
D
(1
2R
I
D
2R
I
P
ON
-
DS
2
OUT
ON
-
DS
2
OUT
ON
-
DS
2
OUT
ON
-
DS
2
OUT
ON
-
DS
2
OUT
ON
-
DS
2
OUT
ON
-
DS
2
IN
ON
DS
2
AVE
-
OFF
ON
DS
2
AVE
-
ON
R
ON
DS
×
×
=
×
+
×
=
×
×
+
×
×
=
×
×
+
×
×
=
×
×
+
×
×
..........(7)
ESR
+
AVE
OFF
AVE
OFF
ON
DS
IN
OUT
AVE
OFF
C
I
I
2R
V
V
V
×
×
+
=
………………..(12)
D)
-
D(1
1
ESR
I
D
-
1
1
ESR
I
D
1
ESR
I
D)
(1
ESR
)
D
1
I
(
D
ESR
)
2D
I
(
D)
(1
ESR
I
D
ESR
I
P
2
OUT
2
OUT
2
OUT
2
OUT
2
IN
2
AVE
OFF
2
AVE
ON
ESR
×
×
=
×
×
+
×
×
=
×
×
+
×
×
=
×
×
+
×
×
With a duty-cycle of 0.5, the power loss of RDS-ON
is
8R
I
R
0.5)
0.5(1
2
I
P
ON
DS
2
OUT
ON
-
DS
2
OUT
R
ON
DS
×
=
×
×
4ESR
I
0.5)
0.5(1
1
ESR
I
P
2
OUT
2
OUT
ESR
×
=
×
×
In fact, whether the current is the on-state or the
off-
state, it decays exponentially rather than flows
steadily, and as the root mean square value of
exponential decay is not equal to that of steady
flow, then we must use an approximation.
Let’s use another approach to look at the charge
pump circuit and
focus on the flying capacitor
C1. Referring to Fig. 20, when the circuit is in the
on state, the voltage across C1 is:
(t)
I
ESR
-
(t)
I
2R
V
(t)
V
ON
ON
ON
DS
IN
ON
-
C
×
×
=
…(9)
The average of VC1 during the on-state is:
AVE
ON
AVE
ON
ON
DS
IN
AVE
ON
C
I
ESR
I
2R
V
V
×
×
=
……………………….(10)
Similarly, referring to Fig. 21, when the circuit is
in
the off-state, the voltage of C1 is:
(t)
I
ESR
(t)
I
2R
V
V
(t)
V
OFF
OFF
ON
-
DS
IN
OUT
OFF
-
C
×
+
×
+
=
……………………………(11)
The average of VC1 during the off-state is:
The difference in charge stored in C1 between the
on-
state and off-state is the net charge transferred to
the output in one cycle.


Número de pieza similar - SS6845GGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Descripción similar - SS6845GGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com