Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS7646TR Datasheet(PDF) 8 Page - Silicon Standard Corp.

No. de pieza SS7646TR
Descripción Electrónicos  Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646TR Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS7646TR Datasheet HTML 4Page - Silicon Standard Corp. SS7646TR Datasheet HTML 5Page - Silicon Standard Corp. SS7646TR Datasheet HTML 6Page - Silicon Standard Corp. SS7646TR Datasheet HTML 7Page - Silicon Standard Corp. SS7646TR Datasheet HTML 8Page - Silicon Standard Corp. SS7646TR Datasheet HTML 9Page - Silicon Standard Corp. SS7646TR Datasheet HTML 10Page - Silicon Standard Corp. SS7646TR Datasheet HTML 11Page - Silicon Standard Corp. SS7646TR Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
A2A1A0
(S ho w n 101 )
Y-
X+
Y+
X-
V BAT
V IN
VDD
B attery
M o nito r
/PEN IR Q
ADC
+ R E F
-R E F
IN
V R EF
M O D E 0
(S ho w n 1)
V DD
Figure 5. Diagram of Input Channel and Reference Input
ANALOG INPUT MEASUREMENT
The SS7646 contains 6 channel inputs. X+, Y+ and
Y- inputs are for touch screen measurement, 2 auxiliary
inputs are VBAT and VIN. The diode input (internal node)
is for temperature measurement. Figure 5 shows a
diagram of the analog input channel and reference
input. The input to the A/D converter is selected via the
s i x - c hannel m u ltiple x e r . ( s ee Blo c k
Diagram and Figure 5.)
Input Channel
Table III shown the input channel configuration of the
SS7646. The control bits are set via the DIN pin.
(see Control Byte section). The selected channel is for
A/D converter input. Please refer to Figure 5 for
detailed input channel multiplexer. For measuring X+
(Y-position) and Y+ (X-position), Y switches and X
switches are turned on respectively.
Internal Reference
The SS7646 has an internal 2.5V voltage
reference that can be turned ON with the power-down
address bit, PD1=”1”, at the configuration byte (See
Table V and Figure 1). The internal reference voltage
of SS7646 should be turned OFF (PD1=”0”) in
order to be compatible with the SS7643. If the
internal reference is turned OFF and the reference
is taken from the power supply directly, special care
must be taken to avoid noise from the power supply.
While the ADC can be powered up or down instantly,
the internal reference requires settling time to settle to
the final value. The power-up time of VREF is typically
30
µs without a load. The internal reference voltage
can be turned ON or OFF independently of the ADC.
T
his allows extra time for the reference voltage to be
settled before a conversion. Although /CS=”1” will
put the SS7646 into a power-down mode
immediately, the internal reference does not turn
OFF with /CS going HIGH. An additional pattern
with PD1=”0” is required before /CS goes HIGH.


Número de pieza similar - SS7646TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SS7619-15 ETC2-SS7619-15 Datasheet
464Kb / 4P
   Tripp Lite Power Strip with Surge Suppression - Multiple outlets wherever you need them
More results

Descripción similar - SS7646TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com