Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8014-33GTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

No. de pieza SS8014-33GTR
Descripción Electrónicos  300mA Low-Noise LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014-33GTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8014-33GTR Datasheet HTML 1Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 6Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 7Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 8Page - Silicon Standard Corp. SS8014-33GTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.SiliconStandard.com
5 of 10
1/12/2005 Rev.2.10
SS8014-xxG
Typical Performance Characteristics (continued)
0
10
20
30
40
50
60
70
0.001
0.01
0.1
Bypass Capacitance (µF)
0
10
20
30
40
50
60
70
1
10
100
1000
Load Current (mA)
SS8014-18
VIN=2.8V
TA=25
°C
SS8014-18
VIN=2.8V
TA=25
°C
COUT=1µF
COUT =1µF
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(KHZ)
SS8014-29
VIN=5V +2V(p-p)
RL=100
O
CBYP =10nF
Line Transient
Load Transient
Power Supply Rejection Ripple
Load Transient
Output Noise vs. Bypass Capacitance
Output Noise vs. Load Current


Número de pieza similar - SS8014-33GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8014G SSC-SS8014G Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
SS8014GTR SSC-SS8014GTR Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
More results

Descripción similar - SS8014-33GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com