Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8021GTB Datasheet(PDF) 3 Page - Silicon Standard Corp.

No. de pieza SS8021GTB
Descripción Electrónicos  Stereo Headphone Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021GTB Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8021GTB Datasheet HTML 1Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 2Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 3Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 4Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 5Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 6Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 7Page - Silicon Standard Corp. SS8021GTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS8021
8/21/2004 Rev.2.01
ELECTRICAL CHARACTERISTICS
VDD = 5V; VSS= 0V; TA = 25°C; fI= 1kHz; RL = 32
Ω connected to V
DD/2; unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Supplies
Supply voltage
3.0
5.0
6.5
V
Single
3.0
5.0
6.5
V
VDD
Dual
1.5
2.5
3.25
V
VSS
Negative supply voltage
-1.5
-2.5
-3.25
V
IDD
Supply current
no load
-
3.0
5.0
mA
Ptot
Total power dissipation
no load
-
15
25
mW
DC Characteristics
VI(OS)
Input offset voltage
-50
-
50
mV
VCM
Common mode voltage
0
-
3.5
V
GV
Open-loop voltage gain
RL = 5k
60
90
-
dB
IO
Maximum output current
THD+N <0.1%
-
70
-
mA
RO
Output resistance
closed-loop
-
0.1
-
VDD-VOH
Output Voltage Swing High
Sourcing current = 100mA
-
0.4
1
V
VOL-VSS
Output Voltage Swing Low
Sinking current = 100mA
-
0.5
1
V
PSRR
Power supply rejection ratio
fi = 1kHz;
Vripple(rms) = 100mVrms
-
70
-
dB
α
CS
Channel separation
RL=32
Ω ,C
b=1µF, PO=70mW
-
65
-
dB
AC Characteristics
THD
Total harmonic distortion
note 2
-
< 0.1
-
%
fG
Unity gain frequency
open-loop; RL = 5k
-
5
-
MHz
note 1; RL = 16
Ω ; f=1kHz
-
125
-
mW
PO
Maximum output power
note 1; RL = 32
Ω ; f=1kHz
-
75
-
mW
Notes:
1. Values are proportional to VDD; THD+N < 0.1%
2. VDD = 5.0V; VO(P-P) = 4.0V (at 0 dB)


Número de pieza similar - SS8021GTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TB SSC-SS8026T21TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T21TR SSC-SS8026T21TR Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8026T22TB SSC-SS8026T22TB Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
More results

Descripción similar - SS8021GTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com