Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8047GT52TR Datasheet(PDF) 1 Page - Silicon Standard Corp.

No. de pieza SS8047GT52TR
Descripción Electrónicos  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT52TR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8047GT52TR Datasheet HTML 1Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 2Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT52TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SS8047
Rev.2.02 7/06/2004
2.5V 1A Positive Voltage Regulator
Features
Output current in excess of 1A
Output voltage accuracy +3%/-1%
Quiescent current, typically 600µA
Internal short-circuit current-limit
Internal over-temperature protection
Applications
n PC motherboard
n ADSL/Cable Modem
n Set-Top Box
n LAN switch/Hub
n Router
General Description
The SS8047 positive 2.5V voltage regulator features
the ability to source 1A of output current. The typical
quiescent current is 0.6mA.
Familiar regulator features such as over-temperature
and over-current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
SS8047GTXXXX
Packing Type
Pin Option
Package Type
PACKAGE TYPE
PIN OPTION
PACKING
GT3 : TO 220 Pb-free
1
2
3
TR : Tape & Reel
GT4 : TO 252 Pb-free
1 : VOUT
GND
VIN
TB : Tubes
GT5 : TO 263 Pb-free
2 : VOUT
VIN
GND
GT6 : SOT 223 Pb-free
3 : GND
V OUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Pin Configuration
[Note 4] : Type of COUT
SS8047
C1
1µF
IQ
V
IN
VOUT
I
O
C
OUT
10µF
Top View
1
3
2
Top View
1
2
3
Top View
1
2
3
Top View
1
3
2
Top View
1
3
TO-220
2
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252 and TO-263
Top View
1
2
3
Ordering Information
The SS8047 is only available with Pb-free lead finish.


Número de pieza similar - SS8047GT52TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

Descripción similar - SS8047GT52TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com