Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8047GT35TR Datasheet(PDF) 6 Page - Silicon Standard Corp.

No. de pieza SS8047GT35TR
Descripción Electrónicos  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT35TR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8047GT35TR Datasheet HTML 2Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 9Page - Silicon Standard Corp. SS8047GT35TR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
Rev.2.02 7/6/2004
SS8047
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95 105 115 125
Amibent Temperature TA (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
25
35
45
55
65
75
85
95 105 115 125
Amibent Temperature TA (°C)
Still Air
1oz Copper on SOT-223 Package
Mounted on recommend mimimum
footprint (R£cJA=156°C/W)
Still Air
1oz Copper on TO-252 Package
Mounted on recommend mimimum
footprint (R£cJA=125°C/W)
Note: VIN(max) <= 6.5V
0
200
400
600
800
1000
1200
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input-Output Voltage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
TA=25°C,Still Air
1oz Copper on SOT-223 Package
Mounted on recommended mimimum
footprint (R£cJA=156°C/W)
Maximum Recommended Output Current
0
200
400
600
800
1000
1200
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
Maximum Recommended Output Current
Power Dissipation of TO-252
Safe Operating Area of SOT-223
Safe Operating Area of TO-252
Note: VIN(max) <= 6.5V
Power Dissipation of SOT-223
TA=25°C,Still Air
1oz Copper on TO-252 Package
Mounted on recommended mimimum
footprint (R
£c
JA=125°C/W)


Número de pieza similar - SS8047GT35TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

Descripción similar - SS8047GT35TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com