Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8218-S5TR Datasheet(PDF) 6 Page - Silicon Standard Corp.

No. de pieza SS8218-S5TR
Descripción Electrónicos  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218-S5TR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8218-S5TR Datasheet HTML 2Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 3Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 4Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 5Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 6Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 7Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 8Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 9Page - Silicon Standard Corp. SS8218-S5TR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS8218
Rev.2.01 6/06/2003
Common Mode Bias Vcm - Vtpwr
1.125
1.175
1.225
1.275
1.325
1.375
2.5
3.5
4.5
5.5
Vtpwr
Common Mode Bias Vcm -
Temperature
1.125
1.175
1.225
1.275
1.325
1.375
-20
0
20
40
60
80
100
Temperature(℃)
Common Mode Termination Resistance
Rcm - Temperature@Vtpwr=5V
110
120
130
140
150
160
170
180
190
-20
0
20
40
60
80
100
Temperature(ºC)
Common Mode Termination Resistance
Rcm - Vtpwr@Temperature=24ºC
110
120
130
140
150
160
170
180
190
2.5
3.5
4.5
5.5
Vtpwr
Differential Mode Termination
Resistance Rdm - Vtpwr
100
102
104
106
108
110
2.5
3.5
4.5
5.5
Vtpwr
Differential Mode Termination Resistance
Rdm - Temperature
100
102
104
106
108
110
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Bias Vdm -
Temperature @Vtpwr=5V
0.1
0.105
0.11
0.115
0.12
0.125
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Bias Vdm - Vtpwr
0.1
0.105
0.11
0.115
0.12
0.125
2.5
3.5
4.5
5.5
Vtpwr
T=80ºC
T=-10ºC
Vtpwr=5.8V
Vtpwr=2.8V
T=80ºC
T=-10ºC
Vtpwr=2.8V
Vtpwr=5.8V
T=-10ºC
T=80ºC


Número de pieza similar - SS8218-S5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Descripción similar - SS8218-S5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com