Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA14A Datasheet(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

No. de pieza SA14A
Descripción Electrónicos  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SY [Changzhou Shunye Electronics Co.,Ltd.]
Página de inicio  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

SA14A Datasheet(HTML) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

  SA14A Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SA14A Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. SA14A Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. SA14A Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 THRU SA170CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage:5.0-170CA Volts
Pesk Pulse Power:500 Watts
Case: JEDEC DO-15 molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.014 ounce,0.40 grams
FEATURE
MECHANICAL DATA
Dimensions in inches and (millimeters)
500w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
DO-15
0.140(3.6)
0.104(2.6)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
C
Peak power dissipation
(Note 1)
Peak polse reverse current
(Note 1, Fig.3)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 35A
for unidirectional only
(Note 3)
Operating junction and storage temperature range
Pppm
IPPM
PM(AV)
IFSM
TSTG,TJ
3.5
SYMBOLS
UNITS
VALUE
Minimum 500
See Table 1
1.6
70
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unLess otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types SA5.0 thru types SA170 (e.g. SA5.0CA,SA170CA).
Electrical characteristics apply in both directions.
1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
Notes:
www.shunyegroup.com


Número de pieza similar - SA14A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SA14A MOTOROLA-SA14A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA14A CHENDA-SA14A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA14A TSC-SA14A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA14A LITTELFUSE-SA14A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA14A SOCAY-SA14A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Descripción similar - SA14A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shunye Enterprise
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Changzhou Shunye Electr...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com