Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103CWS Datasheet(PDF) 2 Page - Changzhou Shunye Electronics Co.,Ltd.

No. de pieza SD103CWS
Descripción Electrónicos  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SY [Changzhou Shunye Electronics Co.,Ltd.]
Página de inicio  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

SD103CWS Datasheet(HTML) 2 Page - Changzhou Shunye Electronics Co.,Ltd.

  SD103CWS Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SD103CWS Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SD103AWS-SD103CWS
0
10
20
30
40
VR REVERSE VOLTAGE(V)
FIG. 2-TYP. JUNCTION CAPACITANCE
VS REVERSE VOLTAGE
FIG. 1- TYPICAL FORWARD CHARACTERISTICS
100
10
1.0
0.1
0
0.5
1.0
1000
100
10
1.0
0.1
0.01
VR REVERSE VOLTAGE(V)
www.shunyegroup.com


Número de pieza similar - SD103CWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Nanjing International G...
SD103CWS DGNJDZ-SD103CWS Datasheet
83Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Dongguan Pingjingsemi T...
SD103CWS PJSEMI-SD103CWS Datasheet
714Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD103CWS SEMTECH_ELEC-SD103CWS Datasheet
212Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Formosa MS
SD103CWS FORMOSA-SD103CWS Datasheet
90Kb / 7P
   350mA Surface Mount Small Signal Schottky Diode -20V-40v
More results

Descripción similar - SD103CWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com