Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCALFP04101R0J Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
TCALFP04101R0J Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
4 / 11 page 04 of 11 (Axial Lead Type) Dimensions of Tape & Reel (Axial Lead Type) Packing Unit for Reel Label R K T(T’) W(W’) C A G E F D A’ D’ Sym. Dimensions Sym. Dimensions Sym. Dimensions A 52.00 ± 1.50 E 0.00 ± 0.50 T’ 45.00 ± 0.50 A’ 26.00 ± 1.50 F 1.00 (max) W 76.00 ± 0.50 B 5.00 ± 0.50 G 1.00 (max) W’ 50.00 ± 0.50 C 6.00 ± 1.00 K 355.00 ± 0.50 D 26.00 ± 0.50 R 15.00 ± 0.50 D’ 13.00 ± 0.50 T 71.00 ± 0.50 Item TCAL0204 TCAL0307 TCAL0410 TCAL0510 Q’ TY/ Reel 5,000 PCS 5,000 PCS 5,000 PCS 3,000 PCS GW/Reel (Approx.) 1.4 Kgm 1.6 Kgm 2.0 Kgm 2.0 Kgm Q’ TY/CTN. 25,000 PCS 25,000 PCS 25,000 PCS 15,000 PCS NW/CTN. (Approx.) 7.0 Kgm 8.0 Kgm 10.0 Kgm 10.0 Kgm GW/CTN. (Approx.) 8.0 Kgm 9.0 Kgm 11.0 Kgm 11.0 Kgm Carton Size (mm) 397 × 397 × 479 397 × 397 × 479 397 × 397 × 479 397 × 397 × 479 Version 2010 TCAL Through Hole Fixed Inductors TOKEN http://www.token.com.tw/ rfq token.com.tw |
Número de pieza similar - TCALFP04101R0J |
|
Descripción similar - TCALFP04101R0J |