Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1213B-1R0N Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
TC1213B-1R0N Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 2 page 02 of 02 Version 2010 TC1213 Through Hole Power Inductors Configurations & Dimensions A B D C BottomView TC F E I G H Top View Land Pattern Type A(max) B(max) C ± 1.0 D(max) E(Ref.) F(Ref.) G H I TC1213 14.0 14.5 5.0 9.5 7.0 5.0 7.5 5.5 1.8 TC1213A 14.0 14.5 5.0 9.5 7.0 5.0 7.5 5.5 1.8 TC1213B 14.5 14.5 5.0 9.5 7.0 5.0 7.5 5.5 1.8 Note: Design as Customer’s Requested Specifications. Electrical Characteristics Part Number Inductance(µH) Test Freq.(KHz) DCR (Ω)(max) Peak Current (A) (max) Irms (A)(max) TC1213 - R68N 0.68 100 0.0015 40.00 20.00 TC1213A - R33N 0.33 100 0.0015 40.00 20.00 TC1213B - 1R0N 1.00 100 0.0015 35.00 20.00 Note: Test Freq.: 100KHz / 0.1V. Operating Temp.: -40°C ~ +85°C Inductance drop = 10% typ. at Peak Current. ΔT=40°C rise at Irms. Part Number: TC1213, TC1213A , TC1213B How to Order 1R0 TC1213B N Code Inductance R68 0.68µH 1R0 1.00µH Inductance Tolerance Code Tolerance N 30% Back to 1st Page - Power Inductors Through Hole (TC1213) http://www.token.com.tw/ rfq token.com.tw TOKEN |
Número de pieza similar - TC1213B-1R0N |
|
Descripción similar - TC1213B-1R0N |