Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3226 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADV3226
Descripción Electrónicos  750 MHz, 16 x 16 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3226 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV3226 Datasheet HTML 5Page - Analog Devices ADV3226 Datasheet HTML 6Page - Analog Devices ADV3226 Datasheet HTML 7Page - Analog Devices ADV3226 Datasheet HTML 8Page - Analog Devices ADV3226 Datasheet HTML 9Page - Analog Devices ADV3226 Datasheet HTML 10Page - Analog Devices ADV3226 Datasheet HTML 11Page - Analog Devices ADV3226 Datasheet HTML 12Page - Analog Devices ADV3226 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADV3226/ADV3227
Rev. 0 | Page 9 of 24
Pin No.
Mnemonic
Description
33
OUT10
Output Number 10.
34
AVCC
Analog Positive Supply.
35
OUT09
Output Number 9.
36
AVEE
Analog Negative Supply.
37
OUT08
Output Number 8.
38
AVCC
Analog Positive Supply.
39
OUT07
Output Number 7.
40
AVEE
Analog Negative Supply.
41
OUT06
Output Number 6.
42
AVCC
Analog Positive Supply.
43
OUT05
Output Number 5.
44
AVEE
Analog Negative Supply.
45
OUT04
Output Number 4.
46
AVCC
Analog Positive Supply.
47
OUT03
Output Number 3.
48
AVEE
Analog Negative Supply.
49
OUT02
Output Number 2.
50
AVCC
Analog Positive Supply.
51
OUT01
Output Number 1.
52
AVEE
Analog Negative Supply.
53
OUT00
Output Number 0.
54
AVCC
Analog Positive Supply.
55
AVCC
Analog Positive Supply.
56
AVEE
Analog Negative Supply.
57
AGND
Analog Ground.
58
IN00
Input Number 0.
59
AGND
Analog Ground.
60
IN01
Input Number 1.
61
AGND
Analog Ground.
62
IN02
Input Number 2.
63
AGND
Analog Ground.
64
IN03
Input Number 3.
65
AGND
Analog Ground.
66
IN04
Input Number 4.
67
AGND
Analog Ground.
Pin No.
Mnemonic
Description
68
IN05
Input Number 5.
69
AGND
Analog Ground.
70
IN06
Input Number 6.
71
AGND
Analog Ground.
72
IN07
Input Number 7.
73
AGND
Analog Ground.
74
DGND
Digital Ground.
75
DVCC
Digital Positive Power Supply.
76
D4
Parallel Data Input, Output Enable.
77
D3
Parallel Data Input.
78
D2
Parallel Data Input.
79
D1
Parallel Data Input.
80
D0
Parallel Data Input.
81
A3
Parallel Data Input.
82
A2
Parallel Data Input.
83
A1
Parallel Data Input.
84
A0
Parallel Data Input.
85 to 93
NC
No Connect.
94
SER/PAR
Serial/Parallel Mode Select (Control Pin).
95
UPDATE
Second Rank Write Strobe (Control Pin).
96
DATAIN
Serial Data In (Control Pin).
97
CLK
Serial Data Clock. Parallel 1st rank latch
enable (control pin).
98
DATAOUT
Serial Data Out.
99
CE
Chip Enable (Control Pin).
100
RESET
Second Rank Reset (Control Pin).
N/A1
EP
Exposed Paddle. The exposed metal
paddle on the bottom of the LFCSP
package must be soldered to the PCB
ground for proper heat dissipation and
for noise and mechanical strength
benefits.
1 N/A means not applicable.


Número de pieza similar - ADV3226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Descripción similar - ADV3226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com