Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3220ACPZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADV3220ACPZ
Descripción Electrónicos  800 MHz, 2:1 Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV3220ACPZ Datasheet HTML 5Page - Analog Devices ADV3220ACPZ Datasheet HTML 6Page - Analog Devices ADV3220ACPZ Datasheet HTML 7Page - Analog Devices ADV3220ACPZ Datasheet HTML 8Page - Analog Devices ADV3220ACPZ Datasheet HTML 9Page - Analog Devices ADV3220ACPZ Datasheet HTML 10Page - Analog Devices ADV3220ACPZ Datasheet HTML 11Page - Analog Devices ADV3220ACPZ Datasheet HTML 12Page - Analog Devices ADV3220ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 9 of 20
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
03
20
10
TIME (ns)
SELECT
RISING EDGE
FALLING EDGE
0
Figure 16. ADV3219 Switching Time
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
6
5
4
3
2
0
1
–1
050
40
30
20
10
TIME (ns)
OUTPUT
EN
Figure 17. ADV3219 Enable Glitch
3
–3
–2
–1
0
1
2
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
03
20
10
TIME (ns)
INPUT +1V
INPUT –1V
0
EN
Figure 18. ADV3219 Enable On Timing
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
03
20
10
TIME (ns)
SELECT
RISING EDGE
FALLING EDGE
0
Figure 19. ADV3220 Switching Time
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
6
5
4
3
2
0
1
–1
05
40
30
20
10
TIME (ns)
OUTPUT
0
EN
Figure 20. ADV3220 Enable Glitch
3
–3
–2
–1
0
1
2
2.1
1.9
1.7
1.5
1.3
0.9
1.1
0.7
03
20
10
TIME (ns)
INPUT +0.5V
INPUT –0.5V
0
EN
Figure 21. ADV3220 Enable On Timing


Número de pieza similar - ADV3220ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ-R7 AD-ADV3220ACPZ-R7 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ-RL AD-ADV3220ACPZ-RL Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Descripción similar - ADV3220ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3221 AD-ADV3221 Datasheet
453Kb / 20P
   800 MHz, 4:1 Analog Multiplexer
REV. 0
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780_09 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com