Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2456 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2456
Descripción Electrónicos  Dual 12 V Protection / Blocking Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2456 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2456 Datasheet HTML 1Page - Texas Instruments TPS2456 Datasheet HTML 2Page - Texas Instruments TPS2456 Datasheet HTML 3Page - Texas Instruments TPS2456 Datasheet HTML 4Page - Texas Instruments TPS2456 Datasheet HTML 5Page - Texas Instruments TPS2456 Datasheet HTML 6Page - Texas Instruments TPS2456 Datasheet HTML 7Page - Texas Instruments TPS2456 Datasheet HTML 8Page - Texas Instruments TPS2456 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
+
+
100mV
675mV
Control
& Fault
Vcp
enx
CTx
RMONx
FLTx
PGx
prgx
blx
OUTx
GAT2x
GAT1x
SETx
SENMx
SENPx
100ms
INx
OUTx
10.50V /
10.63V
ENx
MONx
CTx
por
Charge
Pump
Vcp
~25V
60mA
ORENx
RG1x
RSETx
RG2x
A2
A1
RSENSEx
M1
M2
+
+
10 mV
3 mV
S
Q
Q
R
OUTx
prgx
blx
200kW
VINT
200kW
VINT
enx
12V Channel
Input Supply
8.5V
/ 8V
+
6V
INx
Fast
Trip
Current
Limit
FLT Tmr.
Gate Mon.
UVLO
Blocking
Control
Output
PG
PREREG
VINT
2.2V
Pwr On
Reset
en
por
Control
Logic
GND
INA
INB
OUTA
OUTB
+
VINT
CVINT
TPS2456
www.ti.com
SLVSA78A – MARCH 2010 – REVISED MARCH 2010
FUNCTIONAL BLOCK DIAGRAM
Figure 4. TPS2456 Channel (2 channels per device)
Figure 5. Common Control Circuits
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2456


Número de pieza similar - TPS2456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHH TI1-TPS2456ARHH Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHHR TI1-TPS2456ARHHR Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHHT TI1-TPS2456ARHHT Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
More results

Descripción similar - TPS2456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - February 2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
JFW Industries, Inc.
75MS-037 JFW-75MS-037 Datasheet
37Kb / 2P
   2 x 12 BLOCKING SWITCH MATRIX
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
   High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
Rev 6 - May 2022
logo
EPCOS
B59585 EPCOS-B59585 Datasheet
69Kb / 4P
   Overcurrent Protection Leaded Disk, Uncoated, 12 V
logo
Nexperia B.V. All right...
PESD12VA-SF NEXPERIA-PESD12VA-SF Datasheet
254Kb / 11P
   Ultra small 12 V ESD protection device
17 March 2022
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com