Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PS79SB10 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 1PS79SB10
Descripción Electrónicos  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

1PS79SB10 Datasheet(HTML) 2 Page - NXP Semiconductors

  1PS79SB10 Datasheet HTML 1Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1998 Jul 16
2
NXP Semiconductors
Product data sheet
Schottky barrier diode
1PS79SB10
FEATURES
• Low forward voltage
• Guard ring protected
• Ultra small plastic SMD package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode encapsulated in a SC-79 ultra small plastic SMD
package.
Fig.1 Simplified outline (SC-79) and symbol.
Marking code: F.
handbook, halfpage
ka
;
Top view
MAM403
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 s; δ ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
tp < 10 ms
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C


Número de pieza similar - 1PS79SB10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS79SB10 PHILIPS-1PS79SB10 Datasheet
47Kb / 8P
   Schottky barrier diode
1998 Jul 16
logo
Guangdong Kexin Industr...
1PS79SB10 KEXIN-1PS79SB10 Datasheet
35Kb / 1P
   Schottky Barrier Diode
logo
Nexperia B.V. All right...
1PS79SB10 NEXPERIA-1PS79SB10 Datasheet
1Mb / 8P
   Schottky barrier single diode
14 August 2012
logo
NXP Semiconductors
1PS79SB10115 NXP-1PS79SB10115 Datasheet
132Kb / 8P
   Schottky barrier single diode
14 August 2012
More results

Descripción similar - 1PS79SB10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com