Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2PD601AQW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 2PD601AQW
Descripción Electrónicos  NPN general purpose transistors; 50 V, 100 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601AQW Datasheet(HTML) 7 Page - NXP Semiconductors

  2PD601AQW Datasheet HTML 1Page - NXP Semiconductors 2PD601AQW Datasheet HTML 2Page - NXP Semiconductors 2PD601AQW Datasheet HTML 3Page - NXP Semiconductors 2PD601AQW Datasheet HTML 4Page - NXP Semiconductors 2PD601AQW Datasheet HTML 5Page - NXP Semiconductors 2PD601AQW Datasheet HTML 6Page - NXP Semiconductors 2PD601AQW Datasheet HTML 7Page - NXP Semiconductors 2PD601AQW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2004 Feb 12
7
NXP Semiconductors
Product data sheet
NPN general purpose transistors; 50 V,
100 mA
2PD601A series
DATA SHEET STATUS
Notes
1.
Please consult the most recently issued document before initiating or completing a design.
2.
The product status of device(s) described in this document may have changed since this document was published
and may differ in case of multiple devices. The latest product status information is available on the Internet at
URL http://www.nxp.com.
DOCUMENT
STATUS(1)
PRODUCT
STATUS(2)
DEFINITION
Objective data sheet
Development
This document contains data from the objective specification for product
development.
Preliminary data sheet
Qualification
This document contains data from the preliminary specification.
Product data sheet
Production
This document contains the product specification.
DISCLAIMERS
General
⎯ Information in this document is believed to be
accurate and reliable. However, NXP Semiconductors
does not give any representations or warranties,
expressed or implied, as to the accuracy or completeness
of such information and shall have no liability for the
consequences of use of such information.
Right to make changes
⎯ NXP Semiconductors
reserves the right to make changes to information
published in this document, including without limitation
specifications and product descriptions, at any time and
without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.
Suitability for use
⎯ NXP Semiconductors products are
not designed, authorized or warranted to be suitable for
use in medical, military, aircraft, space or life support
equipment, nor in applications where failure or malfunction
of an NXP Semiconductors product can reasonably be
expected to result in personal injury, death or severe
property or environmental damage. NXP Semiconductors
accepts no liability for inclusion and/or use of NXP
Semiconductors products in such equipment or
applications and therefore such inclusion and/or use is at
the customer’s own risk.
Applications
⎯ Applications that are described herein for
any of these products are for illustrative purposes only.
NXP Semiconductors makes no representation or
warranty that such applications will be suitable for the
specified use without further testing or modification.
Limiting values
⎯ Stress above one or more limiting
values (as defined in the Absolute Maximum Ratings
System of IEC 60134) may cause permanent damage to
the device. Limiting values are stress ratings only and
operation of the device at these or any other conditions
above those given in the Characteristics sections of this
document is not implied. Exposure to limiting values for
extended periods may affect device reliability.
Terms and conditions of sale
⎯ NXP Semiconductors
products are sold subject to the general terms and
conditions of commercial sale, as published at
http://www.nxp.com/profile/terms, including those
pertaining to warranty, intellectual property rights
infringement and limitation of liability, unless explicitly
otherwise agreed to in writing by NXP Semiconductors. In
case of any inconsistency or conflict between information
in this document and such terms and conditions, the latter
will prevail.
No offer to sell or license
⎯ Nothing in this document
may be interpreted or construed as an offer to sell products
that is open for acceptance or the grant, conveyance or
implication of any license under any copyrights, patents or
other industrial or intellectual property rights.
Export control
⎯ This document as well as the item(s)
described herein may be subject to export control
regulations. Export might require a prior authorization from
national authorities.
Quick reference data
⎯ The Quick reference data is an
extract of the product data given in the Limiting values and
Characteristics sections of this document, and as such is
not complete, exhaustive or legally binding.


Número de pieza similar - 2PD601AQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2PD601AQW PHILIPS-2PD601AQW Datasheet
48Kb / 8P
   NPN general purpose transistor
2002 Jun 26
logo
Guangdong Kexin Industr...
2PD601AQW KEXIN-2PD601AQW Datasheet
50Kb / 2P
   NPN General Purpose Transistor
More results

Descripción similar - 2PD601AQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
logo
Nexperia B.V. All right...
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
   50 V, 150 mA NPN general-purpose transistors
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
   50 V, 500 mA NPN general-purpose transistors
12 January 2022
logo
NXP Semiconductors
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com