Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT543A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ABT543A
Descripción Electrónicos  Octal latched transceiver with dual enable; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT543A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT543A Datasheet HTML 3Page - NXP Semiconductors 74ABT543A Datasheet HTML 4Page - NXP Semiconductors 74ABT543A Datasheet HTML 5Page - NXP Semiconductors 74ABT543A Datasheet HTML 6Page - NXP Semiconductors 74ABT543A Datasheet HTML 7Page - NXP Semiconductors 74ABT543A Datasheet HTML 8Page - NXP Semiconductors 74ABT543A Datasheet HTML 9Page - NXP Semiconductors 74ABT543A Datasheet HTML 10Page - NXP Semiconductors 74ABT543A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74ABT543A_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 26 January 2010
7 of 15
NXP Semiconductors
74ABT543A
Octal latched transceiver with dual enable; 3-state
11. Waveforms
tPZL
OFF-state to LOW
propagation delay
OEBA to An, OEAB to Bn; see Figure 8
2.0
4.3
5.9
2.0
6.6
ns
EBA to An, EAB to Bn; see Figure 8
2.0
4.4
6.1
2.0
6.8
ns
tPHZ
HIGH to OFF-state
propagation delay
OEBA to An, OEAB to Bn; see Figure 7
2.0
4.0
5.7
2.0
6.2
ns
EBA to An, EAB to Bn; see Figure 7
2.0
3.6
5.4
2.0
5.9
ns
tPLZ
LOW to OFF-state
propagation delay
OEBA to An, OEAB to Bn; see Figure 8
1.0
3.0
4.6
1.0
5.0
ns
EBA to An, EAB to Bn; see Figure 8
1.0
3.0
4.6
1.0
5.0
ns
tsu(H)
set-up time HIGH
An to LEAB, Bn to LEBA; see Figure 9
2.5
1.0
-
2.5
-
ns
An to EAB, Bn to EBA; see Figure 9
3.5
1.3
-
3.5
-
ns
tsu(L)
set-up time LOW
An to LEAB, Bn to LEBA; see Figure 9
3.0
1.4
-
3.0
-
ns
An to EAB, Bn to EBA; see Figure 9
3.0
1.4
-
3.0
-
ns
th(H)
hold time HIGH
LEAB to An, LEBA to Bn; see Figure 9
+0.5
−0.8
-
0.5
-
ns
EAB to An, EBA to Bn; see Figure 9
+0.5
−0.8
-
0.5
-
ns
th(L)
hold time LOW
LEAB to An, LEBA to Bn; see Figure 9
+0.5
−0.6
-
0.5
-
ns
EAB to An, EBA to Bn; see Figure 9
+0.5
−0.6
-
0.5
-
ns
tWL
pulse width LOW
latch enable; see Figure 9
3.5
1.0
-
3.5
-
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V; for test circuit, see Figure 10.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
VM = 1.5 V.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An, Bn) to output (Bn, An)
001aae904
An or Bn
Bn or An
VM
GND
VI
VOH
VOL
VM
tPLH
tPHL
VM
VM


Número de pieza similar - 74ABT543A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543AD PHILIPS-74ABT543AD Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543AD PHILIPS-74ABT543AD Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
More results

Descripción similar - 74ABT543A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com