Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCALFTB0307101K Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

No. de pieza TCALFTB0307101K
Descripción Electrónicos  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALFTB0307101K Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button TCALFTB0307101K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCALFTB0307101K Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
How to Select a fixed inductor
Perfectly, inductors should have zero resistance and capacitance. This is not practically possible, as the
conducting copper wires, used for fixed inductors, have small internal resistance.
Important criteria for the selection are:
● Inductance Range (H):
The rated inductance range of the inductor. This is designated by ±10% of the inductance.
● Quality Factor (Q):
The Q value of an inductor is a measure of the relative losses in an inductor. The Q is also known
as the “quality factor” and is technically defined as the ratio of inductive reactance to effective
resistance.
● Self-Resonant Frequency (SRF):
The frequency at which the inductor’s distributed capacitance resonates with the inductance. It is
at this frequency that the inductance is equal to the capacitance and they cancel each other. The
inductor will act purely resistive with a high impedance at the SRF point.
● Permissible DC Current:
Measured in Ohms, it is the maximum DC current that the inductor should be exposed to.
TCAL Through Hole Fixed Inductors
TOKEN
07 of 11
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Número de pieza similar - TCALFTB0307101K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Descripción similar - TCALFTB0307101K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com