Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCALPCTR0410101K Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd. |
|
TCALPCTR0410101K Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd. |
6 / 11 page Part Number: TCAL How to Order N TCAL TR Code Form N Normal Form S Short Form F F Forming U U Forming P Pana Forming without coating of lead wire PC Pana Forming with coating of lead wire Form Package Code Package P Bulk TR Taping Reel TB Taping Box 0204 Size R10 M Code Size 0204 2.8×5.0mm 0307 3.0×7.0mm 0410 4.0×10.0mm 0510 5.0×10.0mm Inductance Code Inductance R10 0.10µH 1R0 1.00µH 100 10.00µH 101 100.00µH 102 1000.00µH Tolerance Code Tolerance J 5% K 10% M 20% TCAL Through Hole Fixed Inductors TOKEN 06 of 11 Version 2010 http://www.token.com.tw/ rfq token.com.tw |
Número de pieza similar - TCALPCTR0410101K |
|
Descripción similar - TCALPCTR0410101K |