Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ-LC5.0 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

No. de pieza SMBJ-LC5.0
Descripción Electrónicos  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ-LC5.0 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  SMBJ-LC5.0 Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ-LC5.0 Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ-LC5.0 Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ-LC5.0 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified)
Breakdown
Reverse
Maximum
Maximum
Maximum
Maximum
Voltage
(1)
Stand-off
Reverse
Peak Pulse
Clamping
Junction
@ IT
Voltage
Leakage @ VRWM
Surge Current
Voltage @ IPPM
Capacitance
VBR (V)
IT
VRWM
IR
IPPM
VC
@ 0 Volt
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
pF
Type No.
SMBJ-LC36
40.8
49.7
1.0
36
1.0
9.3
64.3
80
SMBJ-LC36A
40.8
45.0
1.0
36
1.0
10.3
58.1
80
SMBJ-LC40
45.2
55.1
1.0
40
1.0
8.4
71.4
80
SMBJ-LC40A
45.2
49.9
1.0
40
1.0
9.3
64.5
80
SMBJ-LC43
48.6
59.2
1.0
43
1.0
7.8
76.7
80
SMBJ-LC43A
48.6
53.6
1.0
43
1.0
8.6
69.4
80
SMBJ-LC45
50.8
61.9
1.0
45
1.0
7.5
80.3
80
SMBJ-LC45A
50.8
56.1
1.0
45
1.0
8.3
72.7
80
SMBJ-LC48
54.1
65.9
1.0
48
1.0
7.0
85.5
80
SMBJ-LC48A
54.1
59.7
1.0
48
1.0
7.7
77.4
80
SMBJ-LC51
57.5
70.1
1.0
51
1.0
6.6
91.1
80
SMBJ-LC51A
57.5
63.5
1.0
51
1.0
7.3
82.4
80
SMBJ-LC54
60.8
74.1
1.0
54
1.0
6.2
96.3
80
SMBJ-LC54A
60.8
67.1
1.0
54
1.0
6.9
87.1
80
SMBJ-LC58
65.2
79.5
1.0
58
1.0
5.8
103
80
SMBJ-LC58A
65.2
72.0
1.0
58
1.0
6.4
93.6
80
SMBJ-LC60
67.5
82.3
1.0
60
1.0
5.6
107
80
SMBJ-LC60A
67.5
74.5
1.0
60
1.0
6.2
96.8
80
SMBJ-LC64
71.9
87.7
1.0
64
1.0
5.3
114
80
SMBJ-LC64A
71.9
79.4
1.0
64
1.0
5.8
103
80
SMBJ-LC70
78.6
95.9
1.0
70
1.0
4.8
125
80
SMBJ-LC70A
78.6
86.8
1.0
70
1.0
5.3
113
80
SMBJ-LC75
84.1
102.8
1.0
75
1.0
4.5
134
80
SMBJ-LC75A
84.1
92.9
1.0
75
1.0
4.9
121
80
SMBJ-LC78
87.5
106.8
1.0
78
1.0
4.3
139
80
SMBJ-LC78A
87.5
96.6
1.0
78
1.0
4.7
126
80
SMBJ-LC85
95.2
115.8
1.0
85
1.0
3.9
151
80
SMBJ-LC85A
95.2
104.8
1.0
85
1.0
4.4
137
80
SMBJ-LC90
100.8
122.8
1.0
90
1.0
3.8
160
80
SMBJ-LC90A
100.8
111.8
1.0
90
1.0
4.1
146
80
SMBJ-LC100
111.8
136.8
1.0
100
1.0
3.4
179
80
SMBJ-LC100A
111.8
123.8
1.0
100
1.0
3.7
162
80
SMBJ-LC110
122.8
149.8
1.0
110
1.0
3.0
196
80
SMBJ-LC110A
122.8
135.8
1.0
110
1.0
3.4
177
80
SMBJ-LC120
133.8
163.8
1.0
120
1.0
2.8
214
80
SMBJ-LC120A
133.8
147.8
1.0
120
1.0
3.1
193
80
SMBJ-LC130
144.8
176.8
1.0
130
1.0
2.6
231
80
SMBJ-LC130A
144.8
159.8
1.0
130
1.0
2.9
209
80
SMBJ-LC150
167.8
204.8
1.0
150
1.0
2.2
268
80
SMBJ-LC150A
167.8
185.8
1.0
150
1.0
2.5
243
80
SMBJ-LC160
178.8
218.8
1.0
160
1.0
2.1
287
80
SMBJ-LC160A
178.8
197.8
1.0
160
1.0
2.3
259
80
SMBJ-LC170
189.8
231.8
1.0
170
1.0
2.0
304
80
SMBJ-LC170A
189.8
209.8
1.0
170
1.0
2.2
275
80
SMBJ-LC188
209.8
255.8
1.0
188
1.0
1.7
344
80
SMBJ-LC188A
209.8
231.8
1.0
188
1.0
2.0
328
80
Notes:
(1) Pulse test : tp 50ms.
(2) "SMBJ-L" will be omitted in marking on the diode.
Page 3 of 4
Rev. 00 : November 21, 2007
Certificate TH97/10561QM
Certificate TW00/17276EM


Número de pieza similar - SMBJ-LC5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
   Transient Voltage Suppressor
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
295Kb / 4P
   Transient Voltage Suppressor
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0CA SUNMATE-SMBJ-LC5.0CA Datasheet
295Kb / 4P
   Transient Voltage Suppressor
SMBJ-LC5.0CA SUNMATE-SMBJ-LC5.0CA Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMBJ-LC5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com