Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA-48W-K Datasheet(PDF) 3 Page - Fujitsu Component Limited.

No. de pieza BA-48W-K
Descripción Electrónicos  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BA-48W-K Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  BA-48W-K Datasheet HTML 1Page - Fujitsu Component Limited. BA-48W-K Datasheet HTML 2Page - Fujitsu Component Limited. BA-48W-K Datasheet HTML 3Page - Fujitsu Component Limited. BA-48W-K Datasheet HTML 4Page - Fujitsu Component Limited. BA-48W-K Datasheet HTML 5Page - Fujitsu Component Limited. BA-48W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
BA SERIES
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(
±10%)
voltage*1
voltage*1
power
BA-1.5 W-K
1.5 VDC
9
+1.13 VDC
+0.15 VDC
250 mW
BA- 3 W-K
3 VDC
36
+2.25 VDC
+0.3 VDC
250 mW
BA-4.5 W-K
4.5 VDC
81
+3.38 VDC
+0.45 VDC
250 mW
BA- 5 W-K
5 VDC
100
+3.75 VDC
+0.5 VDC
250 mW
BA- 6 W-K
6 VDC
144
+4.5 VDC
+0.6 VDC
250 mW
BA- 9 W-K
9 VDC
324
+6.75 VDC
+0.9 VDC
250 mW
BA- 12 W-K
12 VDC
576
+9.0 VDC
+1.2 VDC
250 mW
BA- 18 W-K
18 VDC
1,296
+13.5 VDC
+1.8 VDC
250 mW
BA- 24 W-K
24 VDC
2,304
+18.0 VDC
+2.4 VDC
250 mW
BA- 48 W-K
48 VDC
6,400
+36.0 VDC
+4.8 VDC
360 mW
s COIL DATA CHART
Note: *1 Specified values are subject to pulse wave voltage.
All values in the table are measured at 20
°C.
Nominal
Coil resistance
Set
Reset
Nominal
MODEL
voltage
(
±10%)
voltage*1
voltage*1
power
BAL-1.5 W-K
1.5 VDC
11.25
+1.13 VDC
–1.13 VDC
200 mW
BAL- 3 W-K
3 VDC
45
+2.25 VDC
–2.25 VDC
200 mW
BAL-4.5 W-K
4.5 VDC
101
+3.38 VDC
–3.38 VDC
200 mW
BAL- 5 W-K
5 VDC
125
+3.75 VDC
–3.75 VDC
200 mW
BAL- 6 W-K
6 VDC
180
+4.5 VDC
–4.5 VDC
200 mW
BAL- 9 W-K
9 VDC
405
+6.75 VDC
–6.75 VDC
200 mW
BAL- 12 W-K
12 VDC
720
+9.0 VDC
–9.0 VDC
200 mW
BAL- 18 W-K
18 VDC
1,620
+13.5 VDC
–13.5 VDC
200 mW
BAL- 24 W-K
24 VDC
2,880
+18.0 VDC
–18.0 VDC
200 mW
BAL-D1.5 W-K
1.5 VDC
P 6.25
+1.13 VDC
360 mW
S 6.25
+1.13 VDC
BAL-D 3 W-K
3 VDC
P
25
+2.25 VDC
360 mW
S
25
+2.25 VDC
BAL-D4.5 W-K
4.5 VDC
P 56.3
+3.38 VDC
360 mW
S 56.3
+3.38 VDC
BAL-D 5 W-K
5 VDC
P 69.4
+3.75 VDC
360 mW
S 69.4
+3.75 VDC
BAL-D 6 W-K
6 VDC
P
100
+4.5 VDC
360 mW
S
100
+4.5 VDC
BAL-D 9 W-K
9 VDC
P
225
+6.75 VDC
360 mW
S
225
+6.75 VDC
BAL-D 12 W-K
12 VDC
P
400
+9.0 VDC
360 mW
S
400
+9.0 VDC
BAL-D 18 W-K
18 VDC
P
900
+13.5 VDC
360 mW
S
900
+13.5 VDC
BAL-D 24 W-K
24 VDC
P 1,600
+18.0 VDC
360 mW
S 1,600
+18.0 VDC
P: Primary coil S: Secondary coil
Note: *1 Specified values are subject to pulse wave voltage.
All values in the table are measured at 20
°C.


Número de pieza similar - BA-48W-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yellow Stone Corp
BA-4D7UW YSTONE-BA-4D7UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
BA-4D7UW-A YSTONE-BA-4D7UW-A Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
BRIGHT LED ELECTRONICS ...
BA-4D7UW-A BRIGHT-BA-4D7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
logo
Yellow Stone Corp
BA-4D7UW-B YSTONE-BA-4D7UW-B Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
BA-4D7UW-C YSTONE-BA-4D7UW-C Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

Descripción similar - BA-48W-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com