Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCALUP02041R0M Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

No. de pieza TCALUP02041R0M
Descripción Electrónicos  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALUP02041R0M Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button TCALUP02041R0M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCALUP02041R0M Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
(TCAL0410) Characteristics
Part Number
Inductance(µH)
Q(min)
Freq.(MHz) SRF(MHz)(min) DCR(Ω)(max) RDC(mA)(max)
TCAL**0410-R22M
0.22±20%
25
25.2
380
0.21
880
TCAL**0410-R27M
0.27±20%
25
25.2
340
0.24
800
TCAL**0410-R33M
0.33±20%
25
25.2
300
0.28
750
TCAL**0410-R39M
0.39±20%
25
25.2
280
0.32
680
TCAL**0410-R47M
0.47±20%
25
25.2
250
0.36
650
TCAL**0410-R56M
0.56±20%
25
25.2
230
0.41
600
TCAL**0410-R68M
0.68±20%
25
25.2
210
0.47
550
TCAL**0410-R82M
0.82±20%
45
25.2
172
0.17
980
TCAL**0410-1R0K
1.0±10%
45
25.2
157
0.19
920
TCAL**0410-1R2K
1.2±10%
50
7.96
144
0.21
880
TCAL**0410-1R5K
1.5±10%
50
7.96
131
0.23
830
TCAL**0410-1R8K
1.8±10%
55
7.96
121
0.25
790
TCAL**0410-2R2K
2.2±10%
55
7.96
110
0.28
750
TCAL**0410-2R7K
2.7±10%
60
7.96
100
0.30
720
TCAL**0410-3R3K
3.3±10%
60
7.96
94
0.34
670
TCAL**0410-3R9K
3.9±10%
60
7.96
86
0.37
640
TCAL**0410-4R7K
4.7±10%
60
7.96
80
0.39
620
TCAL**0410-5R6K
5.6±10%
60
7.96
74
0.43
590
TCAL**0410-6R8K
6.8±10%
60
7.96
68
0.48
550
TCAL**0410-8R2K
8.2±10%
60
7.96
53
0.52
530
TCAL**0410-100K
10±10%
60
7.96
45
0.58
500
TCAL**0410-120K
12±10%
60
2.52
34
0.63
480
TCAL**0410-150K
15±10%
60
2.52
20
0.72
460
TCAL**0410-180K
18±10%
60
2.52
14
0.77
430
TCAL**0410-220K
22±10%
60
2.52
9.9
0.84
410
TCAL**0410-270K
27±10%
50
2.52
7.6
0.94
390
TCAL**0410-330K
33±10%
50
2.52
6.3
1.03
370
TCAL**0410-390K
39±10%
50
2.52
6.3
1.12
350
TCAL**0410-470K
47±10%
50
2.52
6.3
1.22
340
TCAL**0410-560K
56±10%
40
2.52
6.2
1.34
320
TCAL**0410-680K
68±10%
40
2.52
5.7
1.47
305
TCAL**0410-820K
82±10%
35
2.52
5.3
1.62
290
TCAL**0410-101K
100±10%
35
2.52
4.8
1.80
275
TCAL**0410-121K
120±10%
60
0.796
3.8
3.70
185
TCAL**0410-151K
150±10%
60
0.796
3.5
4.20
175
TCAL**0410-181K
180±10%
60
0.796
3.3
4.60
165
TCAL**0410-221K
220±10%
60
0.796
3.0
5.10
155
TCAL**0410-271K
270±10%
60
0.796
2.8
5.80
145
TCAL**0410-331K
330±10%
60
0.796
2.6
6.40
137
TCAL**0410-391K
390±10%
60
0.796
2.4
7.00
133
TCAL**0410-471K
470±10%
60
0.796
2.25
7.70
126
TCAL**0410-561K
560±10%
60
0.796
2.1
8.50
120
TCAL**0410-681K
680±10%
55
0.796
1.95
9.40
113
TCAL**0410-821K
820±10%
55
0.796
1.85
10.5
100
TCAL**0410-102K
1000±10%
50
0.796
1.4
14.0
100
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Número de pieza similar - TCALUP02041R0M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Descripción similar - TCALUP02041R0M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com