Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA45-ABCWP100C0 Datasheet(PDF) 5 Page - Schurter Inc.

No. de pieza TA45-ABCWP100C0
Descripción Electrónicos  IEC Appliance Inlet C14 with Circuit Breaker TA45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-ABCWP100C0 Datasheet(HTML) 5 Page - Schurter Inc.

  TA45-ABCWP100C0 Datasheet HTML 1Page - Schurter Inc. TA45-ABCWP100C0 Datasheet HTML 2Page - Schurter Inc. TA45-ABCWP100C0 Datasheet HTML 3Page - Schurter Inc. TA45-ABCWP100C0 Datasheet HTML 4Page - Schurter Inc. TA45-ABCWP100C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power entry modules without line filter
645
www.schurter.com/pg05
Connectors
10’000
60
2’000
1’000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec ]
[ min ]
10
5
1
30
20
1,05
[ x In ]
10
8
5
4
3
2
1,32
Type
TA45
Rated current
I ≥ 3... ≤ 15 A
1-pole protected
2-pole protected
Ambient temp.
+23 °C
Multiple of rated current
n
10’000
60
2000
1000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec ]
[ min ]
10
5
1
30
20
1,05
Multiple of rated current
[ x In ]
10
8
5
4
3
2
1,32
Type
TA45
Rated current
In < 3 A
1-pole protected
2-pole protected
Ambient temp.
+23 °C
Technical data (continued)
Circuit breaker
Tripping characteristics
In < 3 A
Tripping characteristics
In 3… 15 A
Effect of ambient temperature 1)
The unit is calibrated for an ambient temperature of +23 °C. To
determine the rated current for a lower or higher ambient tempera-
ture, use a correction factor from the table below.
*
Ambient temperature [°C] Correction factor
–10
0,89
– 5
0,91
0
0,92
+23
1,00
+30
1,03
+40
1,08
+55
1,16
Order code TA 45
(2-pole rocker-switch without
accessories)
A B T W F 1 5 0 C 0
. 0 0 1
see table 1
Order code (Order example)
Wiring
0 Without
1 With
2 Special (on request)
0 Without line filter
0 Without line filter
Please note that Schurter will establish an internal part number for logistical use in addition to the order code.
The format of this internal part number is, for example 6145.0031.001
* Temperature must be measured at the rear of the breaker next to
the terminals after equipment operating temperature has been
reached.
1)
Example
Rated current at +23 °C
6,0 A
Ambient temperature
+40 °C
Correction factor
1,08
Chosen rated current at
+ 40 °C ambient temperature
6 A x 1,08 = 6,5 A
Type
6145
.
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Número de pieza similar - TA45-ABCWP100C0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
TA45-ABKTFZ05 SCHURTER-TA45-ABKTFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKTHZ05 SCHURTER-TA45-ABKTHZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKUFZ05 SCHURTER-TA45-ABKUFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKUHZ05 SCHURTER-TA45-ABKUHZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKVFZ05 SCHURTER-TA45-ABKVFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
More results

Descripción similar - TA45-ABCWP100C0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_18 Datasheet
622Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_17 Datasheet
508Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
5145 SCHURTER-5145_17 Datasheet
805Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com