Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMMT493ATC Datasheet(PDF) 4 Page - Zetex Semiconductors

No. de pieza FMMT493ATC
Descripción Electrónicos  60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZETEX [Zetex Semiconductors]
Página de inicio  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT493ATC Datasheet(HTML) 4 Page - Zetex Semiconductors

  FMMT493ATC Datasheet HTML 1Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 2Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 3Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 4Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 5Page - Zetex Semiconductors FMMT493ATC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMT493A
ISSUE 1 - OCTOBER 2001
4
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
V
CBO
120
V
Collector-Emitter Voltage
V
CEO
60
V
Emitter-Base Voltage
V
EBO
5V
Continuous Collector Current
I
C
1A
Peak Pulse Current
I
CM
2A
Base Current
I
B
200
mA
Power Dissipation at T
amb=25°C
P
tot
500
mW
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
R
JA
250
C/W
Mounted on a 15mm x 15mm x 0.6mm alumina substrate connected using 25mm x 0.5 dia copper wire.
THERMAL RESISTANCE


Número de pieza similar - FMMT493ATC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT493ATA DIODES-FMMT493ATA Datasheet
457Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Descripción similar - FMMT493ATC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
   SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com