Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC2G126 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74AHC2G126
Descripción Electrónicos  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G126 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC2G126 Datasheet HTML 2Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 3Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 4Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 5Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 6Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 7Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 8Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 9Page - NXP Semiconductors 74AHC2G126 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74AHC_AHCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 27 April 2009
6 of 15
NXP Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
ten
enable time
nOE to nY; see Figure 7
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
5.0
8.0
1.0
9.5
1.0
11.5
ns
CL = 50 pF
-
6.9
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
4.9
7.5
1.0
9.0
1.0
9.5
ns
tdis
disable time
nOE to nY; see Figure 7
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
6.0
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
8.3
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.1
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
5.7
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-10-
-
-
-
-
pF
74AHCT2G126
tpd
propagation
delay
nA to nY; see Figure 6
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.4
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.8
7.5
1.0
8.5
1.0
9.5
ns
ten
enable time
nOE to nY; see Figure 7
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.9
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
5.1
7.5
1.0
9.0
1.0
9.5
ns
tdis
disable time
nOE to nY; see Figure 7
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.5
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.1
8.8
1.0
10.0
1.0
11.0
ns
Table 8.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


Número de pieza similar - 74AHC2G126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
logo
Nexperia B.V. All right...
74AHC2G126 NEXPERIA-74AHC2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
74AHC2G126-Q100 NEXPERIA-74AHC2G126-Q100 Datasheet
230Kb / 13P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G126DC NEXPERIA-74AHC2G126DC Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
74AHC2G126DC-Q100 NEXPERIA-74AHC2G126DC-Q100 Datasheet
230Kb / 13P
   Automotive product qualification in accordance with AEC-Q100
More results

Descripción similar - 74AHC2G126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com