Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G04 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP1G04
Descripción Electrónicos  Low-power inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G04 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G04 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74AUP1G04_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 November 2009
3 of 18
NXP Semiconductors
74AUP1G04
Low-power inverter
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 4.
Pin configuration SOT353-1
and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74AUP1G04
n.c.
VCC
A
GND
Y
001aaf022
1
2
3
5
4
74AUP1G04
A
001aaf023
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74AUP1G04
A
001aaf024
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753 SOT886/SOT891
n.c.
1
1
not connected
A
2
2
data input A
GND
3
3
ground (0 V)
Y
4
4
data output Y
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LH
HL


Número de pieza similar - 74AUP1G04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Diodes Incorporated
74AUP1G04 DIODES-74AUP1G04 Datasheet
170Kb / 11P
   SINGLE INVERTER GATE
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
More results

Descripción similar - 74AUP1G04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
   Low-power inverter
Rev. 7-27 June 2012
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
logo
NXP Semiconductors
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
   Low-power inverter
Rev. 1-25 August 2014
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
   Low-power inverter
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com