Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC164245BQ Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74ALVC164245BQ
Descripción Electrónicos  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC164245BQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC164245BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 12Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 13Page - NXP Semiconductors 74ALVC164245BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74ALVC164245_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
10 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
ten
enable time
nOE to nBn; see Figure 6
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.5
4.1
11.5
1.5
14.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
3.6
9.2
1.5
11.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.0
3.2
8.9
1.0
12.0
ns
nOE to nAn; see Figure 6
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.5
4.6
12.3
1.5
15.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
4.3
9.3
1.5
12.0
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
1.0
3.2
8.9
1.0
11.5
ns
tdis
disable time
nOE to nBn; see Figure 6
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
2.0
2.7
10.5
2.0
13.5
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
2.5
4.6
9.0
2.5
11.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
2.1
4.9
8.6
2.1
11.0
ns
nOE to nAn; see Figure 6
[2]
VCC(A) = 2.3 V to 2.7 V;
VCC(B) = 3.0 V to 3.6 V
1.0
2.7
9.3
1.0
12.0
ns
VCC(A) = 2.7 V;
VCC(B) = 4.5 V to 5.5 V
1.5
3.5
9.0
1.5
11.5
ns
VCC(A) = 3.0 V to 3.6 V;
VCC(B) = 4.5 V to 5.5 V
2.0
3.2
8.6
2.0
11.0
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf 2.5 ns; CL = 50 pF; for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C
Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


Número de pieza similar - 74ALVC164245BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
More results

Descripción similar - 74ALVC164245BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com