Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G07GW Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP1G07GW
Descripción Electrónicos  Low-power buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G07GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G07GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74AUP1G07_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 17 June 2009
3 of 15
NXP Semiconductors
74AUP1G07
Low-power buffer with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF state.
Fig 4.
Pin configuration SOT353-1
(TSSOP5)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G07
n.c.
VCC
A
GND
Y
001aaf412
1
2
3
5
4
74AUP1G07
A
001aaf413
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74AUP1G07
A
001aaf414
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LL
HZ


Número de pieza similar - 74AUP1G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G07GW PHILIPS-74AUP1G07GW Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07GW NXP-74AUP1G07GW Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07GW PHILIPS-74AUP1G07GW Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07GW NEXPERIA-74AUP1G07GW Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07GW-Q100 NEXPERIA-74AUP1G07GW-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
More results

Descripción similar - 74AUP1G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Nexperia B.V. All right...
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com