Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G14GW Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP1G14GW
Descripción Electrónicos  Low-power Schmitt trigger inverter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G14GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 14Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74AUP1G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 July 2009
11 of 19
NXP Semiconductors
74AUP1G14
Low-power Schmitt trigger inverter
15. Waveforms transfer characteristics
VT−
negative-going
threshold voltage
see Figure 9 and Figure 10
VCC = 0.8 V
0.10
-
0.60
V
VCC = 1.1 V
0.26
-
0.65
V
VCC = 1.4 V
0.39
-
0.75
V
VCC = 1.65 V
0.47
-
0.84
V
VCC = 2.3 V
0.69
-
1.04
V
VCC = 3.0 V
0.88
-
1.24
V
VH
hysteresis voltage
(VT+ − VT−)
see Figure 9, Figure 10,
Figure 11 and Figure 12
VCC = 0.8 V
0.07
-
0.50
V
VCC = 1.1 V
0.08
-
0.46
V
VCC = 1.4 V
0.18
-
0.56
V
VCC = 1.65 V
0.27
-
0.66
V
VCC = 2.3 V
0.53
-
0.92
V
VCC = 3.0 V
0.79
-
1.31
V
Table 11.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VT+ and VT− limits at 70 % and 20 %.
Fig 9.
Transfer characteristic
Fig 10. Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Número de pieza similar - 74AUP1G14GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G14GW PHILIPS-74AUP1G14GW Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14GW NXP-74AUP1G14GW Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G14GW NEXPERIA-74AUP1G14GW Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
More results

Descripción similar - 74AUP1G14GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AXP1G14 PHILIPS-74AXP1G14_15 Datasheet
348Kb / 17P
   Low-power Schmitt trigger inverter
Rev. 1-28 August 2014
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com