Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G34GM Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP1G34GM
Descripción Electrónicos  Low-power buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G34GM Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G34GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G34GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74AUP1G34_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 August 2008
3 of 15
NXP Semiconductors
74AUP1G34
Low-power buffer
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of Ptot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of Ptot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
n.c.
1
1
not connected
A
2
2
data input A
GND
3
3
ground (0 V)
Y
4
4
data output Y
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LL
HH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
+50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Número de pieza similar - 74AUP1G34GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G34GM NEXPERIA-74AUP1G34GM Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
More results

Descripción similar - 74AUP1G34GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
   Low-power buffer
logo
NXP Semiconductors
74AUP1G34 PHILIPS-74AUP1G34_15 Datasheet
411Kb / 20P
   Low-power buffer
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com