Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G374GM Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74AUP1G374GM
Descripción Electrónicos  Low-power D-type flip-flop; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G374GM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1G374GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G374GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74AUP1G374_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 June 2009
6 of 20
NXP Semiconductors
74AUP1G374
Low-power D-type flip-flop; positive-edge trigger; 3-state
CO
output capacitance
output enabled; VO = GND; VCC = 0 V
-
1.7
-
pF
output disabled; VCC = 0 V to 3.6 V;
VO = GND or VCC
-
1.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.9
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
50
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - 74AUP1G374GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G374GM NEXPERIA-74AUP1G374GM Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
More results

Descripción similar - 74AUP1G374GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G374-Q100 NEXPERIA-74AUP1G374-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
74AUP1G374 NEXPERIA-74AUP1G374 Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com