Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G386GF Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUP1G386GF
Descripción Electrónicos  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G386GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
10 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF 5 k
Ω or 1 MΩ
open
GND
2
× VCC


Número de pieza similar - 74AUP1G386GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GN NEXPERIA-74AUP1G386GN Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GS NEXPERIA-74AUP1G386GS Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GW NEXPERIA-74AUP1G386GW Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

Descripción similar - 74AUP1G386GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com