Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G885GD Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP1G885GD
Descripción Electrónicos  Low-power dual function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G885GD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G885GD Datasheet HTML 7Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 8Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 9Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 10Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 11Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 12Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 13Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 14Page - NXP Semiconductors 74AUP1G885GD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74AUP1G885_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 26 June 2009
11 of 19
NXP Semiconductors
74AUP1G885
Low-power dual function gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
All specified values are the average typical values over all stated loads.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3][4]
VCC = 0.8 V
-
2.7
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.9
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
3.0
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.1
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.5
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.1
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground=0V; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (A, B, C) to output (nY) propagation delays
001aae356
VM
VM
VOL
VOH
tPLH
tPHL
nY output
VI
GND
A, B, C input
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Número de pieza similar - 74AUP1G885GD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G885GF NEXPERIA-74AUP1G885GF Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP1G885GN NEXPERIA-74AUP1G885GN Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP1G885GS NEXPERIA-74AUP1G885GS Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885GT PHILIPS-74AUP1G885GT Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP1G885GT NEXPERIA-74AUP1G885GT Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
More results

Descripción similar - 74AUP1G885GD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G885 NEXPERIA-74AUP1G885 Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP2G57 NEXPERIA-74AUP2G57 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G57-Q100 NEXPERIA-74AUP2G57-Q100 Datasheet
252Kb / 15P
   Low-power dual PCB configurable multiple function gate
Rev. 1 - 8 November 2021
74AUP2G97 NEXPERIA-74AUP2G97 Datasheet
259Kb / 16P
   Low-power dual PCB configurable multiple function gate
74AUP2G58 NEXPERIA-74AUP2G58 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G98 NEXPERIA-74AUP2G98 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com