Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC3.2-3E6 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

No. de pieza TC3.2-3E6
Descripción Electrónicos  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERROXCUBE [Ferroxcube International Holding B.V.]
Página de inicio  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC3.2-3E6 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC3.2-3E6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC3.2-3E6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC3.2-3E6 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1581
Ferroxcube
Ferrite toroids
TC5.8/3.1/3.2
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
Dc isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
3.04
mm−1
Ve
effective volume
55.8
mm3
Ie
effective length
13.0
mm
Ae
effective area
4.28
mm2
m
mass of core
≈ 0.31
g
handbook, halfpage
CBW386
coating PARYLENE 'C'
5.84
±0.15
3.05
±0.15
3.18
±0.15
(
≈12 µm)
Fig.1 TC5.8/3.1/3.2 ring core.
Dimensions (uncoated) in mm.
Ring core data
Note
1.
Dimensions with coating.
GRADE
AL
(nH)
µi
TYPE NUMBER
3D3
310
± 20%
≈ 750
TC5.8/3.1/3.2-3D3
3B7
940
± 25%
≈ 2300
TC5.8/3.1/3.2-3B7(1)
3E28
1 650
± 25%
≈ 4000
TC5.8/3.1/3.2-3E28
3E6
4 130
± 30%
≈ 10000
TC5.8/3.1/3.2-3E6


Número de pieza similar - TC3.2-3E6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
TC3.2-3E28 FERROXCUBE-TC3.2-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
More results

Descripción similar - TC3.2-3E6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com