Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G02 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP2G02
Descripción Electrónicos  Low-power dual 2-input NOR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G02 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G02 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 14Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AUP2G02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2008
11 of 17
NXP Semiconductors
74AUP2G02
Low-power dual 2-input NOR gate
13. Package outline
Fig 10. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Número de pieza similar - 74AUP2G02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AUP2G02 DIODES-74AUP2G02 Datasheet
253Kb / 9P
   DUAL NOR GATE
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02DC NEXPERIA-74AUP2G02DC Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GF NEXPERIA-74AUP2G02GF Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GN NEXPERIA-74AUP2G02GN Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results

Descripción similar - 74AUP2G02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com