Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G04 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AUP2G04
Descripción Electrónicos  Low-power dual inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G04 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G04 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP2G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 7 July 2009
2 of 16
NXP Semiconductors
74AUP2G04
Low-power dual inverter
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G04GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2G04GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2G04GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP2G04GW
p4
74AUP2G04GM
p4
74AUP2G04GF
p4
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mnb079
1A
1Y
1
6
2A
2Y
3
4
1
1
6
mnb080
3
1
4
mna110
A
Y


Número de pieza similar - 74AUP2G04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
Diodes Incorporated
74AUP2G04DW-7 DIODES-74AUP2G04DW-7 Datasheet
426Kb / 12P
   DUAL INVERTERS
More results

Descripción similar - 74AUP2G04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com