Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G02GT Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP2G02GT
Descripción Electrónicos  Low-power dual 2-input NOR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G02GT Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G02GT Datasheet HTML 1Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 2Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 3Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 4Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 5Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 6Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G02GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74AUP2G02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2008
3 of 17
NXP Semiconductors
74AUP2G02
Low-power dual 2-input NOR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT833-1 (XSON8)
74AUP2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aae412
1
2
3
4
6
5
8
7
74AUP2G02
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aae472
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aaj300
74AUP2G02
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aae473
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G02
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1 and SOT996-2
SOT902-1
1A, 2A
1, 5
7, 3
data input
1B, 2B
2, 6
6, 2
data input
GND
4
4
ground (0 V)
1Y, 2Y
7, 3
1, 5
data output
VCC
8
8
supply voltage


Número de pieza similar - 74AUP2G02GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G02GT NEXPERIA-74AUP2G02GT Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results

Descripción similar - 74AUP2G02GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com