Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G240 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AUP2G240
Descripción Electrónicos  Low-power dual inverting buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G240 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G240 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74AUP2G240_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
8 of 20
NXP Semiconductors
74AUP2G240
Low-power dual inverting buffer/line driver; 3-state
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
11. Dynamic characteristics
∆I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO =0A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
data input; VI =VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
75
µA
nOE input; VI =VCC − 0.6 V; IO =0 A;
VCC = 3.3 V
[1] -
-
180
µA
disabled inputs; VI = GND to 3.6 V;
nOE=VCC; VCC = 0.8 V to 3.6 V
--
1
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
22.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
5.8
12.6
2.8
14.1
15.5
ns
VCC = 1.4 V to 1.6 V
2.3
4.0
7.3
2.1
8.5
9.4
ns
VCC = 1.65 V to 1.95 V
2.0
3.2
5.5
1.9
6.7
7.4
ns
VCC = 2.3 V to 2.7 V
1.8
2.6
4.1
1.5
4.8
5.3
ns
VCC = 3.0 V to 3.6 V
1.4
2.3
3.6
1.3
4.1
4.6
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 0.8 V
-
70.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.1
6.4
14.3
2.8
15.9
17.5
ns
VCC = 1.4 V to 1.6 V
2.5
4.4
8.1
2.2
9.5
10.5
ns
VCC = 1.65 V to 1.95 V
2.1
3.6
6.2
1.9
7.4
8.2
ns
VCC = 2.3 V to 2.7 V
1.8
2.8
4.6
1.7
5.4
6.0
ns
VCC = 3.0 V to 3.6 V
1.7
2.5
4.0
1.7
4.7
5.3
ns
tdis
disable time
nOE to nY; see Figure 8
[4]
VCC = 0.8 V
-
14.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.0
4.3
7.4
2.3
8.3
9.2
ns
VCC = 1.4 V to 1.6 V
1.6
3.2
5.2
1.7
5.9
6.5
ns
VCC = 1.65 V to 1.95 V
1.5
3.0
4.8
1.5
5.5
6.1
ns
VCC = 2.3 V to 2.7 V
1.1
2.2
3.5
1.4
4.0
4.5
ns
VCC = 3.0 V to 3.6 V
1.3
2.5
3.9
1.4
4.5
5.0
ns


Número de pieza similar - 74AUP2G240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240DC NEXPERIA-74AUP2G240DC Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GN NEXPERIA-74AUP2G240GN Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GS NEXPERIA-74AUP2G240GS Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GT NEXPERIA-74AUP2G240GT Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results

Descripción similar - 74AUP2G240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com