Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2T1326 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74AUP2T1326
Descripción Electrónicos  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP2T1326 Datasheet HTML 1Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 2Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 3Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 4Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 5Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 6Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
5 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
[1]
VCCO is the supply voltage associated with an output pin.
[2]
VCCI is the supply voltage associated with an input pin.
10. Static characteristics
Tamb
ambient temperature
−40
+85
°C
∆t/∆V
input transition rise and fall rate
input A; VCCI = 1.1 V to 3.6 V
[2] -
200
ns/V
input nOE;
VCCI = 1.1 V to 3.6 V
[2] -
30
ms/V
Table 6.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C
Unit
Min
Typ
Max
Min
Max
VIH
HIGH-level
input
voltage
input A;
[1][3]
VCCI = 1.65 V to 1.95 V
0.65VCCI
-
-
0.65VCCI
-V
VCCI = 2.3 V to 2.7 V
1.6
-
-
1.6
-
V
VIL
LOW-level
input
voltage
input A;
[1][3]
VCCI = 1.65 V to 1.95 V
-
-
0.35VCCI
-
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VOH
HIGH-level
output
voltage
VI =VIL or VI or VI =VT+ or VT−
IO = −20 µA;
VCCO = 1.65 V to 2.7 V
[2]
VCCO − 0.1
-
-
VCCO − 0.1
-
V
IO = −3 mA; VCCO = 1.65 V
1.2
-
-
1.2
-
V
IO = −2.3 mA; VCCO = 2.3 V
1.97
-
-
1.97
-
V
IO = −4.0 mA; VCCO = 2.3 V
2.0
-
-
2.0
-
V
VOL
LOW-level
output
voltage
VI =VIL or VI or VI =VT+ or VT−
[2]
IO = 20 µA;
VCCO = 1.65 V to 2.7 V
-
-
0.10
-
0.10
V
IO = 3.0 mA; VCCO = 1.65 V
-
-
0.45
-
0.45
V
IO = 2.3 mA; VCCO = 2.3 V
-
-
0.33
-
0.33
V
IO = 4.0 mA; VCCO = 2.3 V
-
-
0.40
-
0.40
V
II
input
leakage
current
input A; VI = 0 V to 2.7 V;
VCCI = 1.65 V to 2.7 V
[1]
--
±0.1
-
±0.5
µA
IOZ
OFF-state
output
current
output 2Y, 3Y; VI = VIH or VIL;
VO = 0 V to 2.7 V;
VCC(A) = 1.65 V to 2.7 V;
VCC(B) = 1.65 V to 2.7 V
--
±0.1
-
±0.5
µA
IOFF
power-off
leakage
current
1Y; VCC(A) =0V;
VO = 0 V to 2.7 V;
VCC(B) = 1.65 V to 2.7 V
--
±0.2
-
±0.5
µA
A, 2Y, 3Y; VCC(B) =0V;
VI or VO = 0 V to 2.7 V;
VCC(A) = 1.65 V to 2.7 V
--
±0.2
-
±0.5
µA


Número de pieza similar - 74AUP2T1326

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

Descripción similar - 74AUP2T1326

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com