Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC3G07GD Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC3G07GD
Descripción Electrónicos  Triple buffer with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G07GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC3G07GD Datasheet HTML 2Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 3Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 4Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 5Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 6Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 7Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 8Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 9Page - NXP Semiconductors 74HC3G07GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
6 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
74HCT3G07
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
11
27
-
32
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
10
26
-
31
ns
tTHL
HIGH to LOW output
transition time
VCC = 4.5 V; see Figure 6
-
6
19
-
22
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[1]
-4
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
001aak034
nA input
GND
nY output
VM
tPLZ
tPZL
tTHL
VX
VM
VOL
VCC
VI
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
74HC3G07
0.5
× V
CC
0.5
× V
CC
0.1
× V
CC
74HCT3G07
1.3 V
1.3 V
0.1
× V
CC


Número de pieza similar - 74HC3G07GD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
logo
Nexperia B.V. All right...
74HC3G07 NEXPERIA-74HC3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
74HC3G07DC NEXPERIA-74HC3G07DC Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results

Descripción similar - 74HC3G07GD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com