Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC193N Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC193N
Descripción Electrónicos  Presettable synchronous 4-bit binary up/down counter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193N Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC193N Datasheet HTML 1Page - NXP Semiconductors 74HC193N Datasheet HTML 2Page - NXP Semiconductors 74HC193N Datasheet HTML 3Page - NXP Semiconductors 74HC193N Datasheet HTML 4Page - NXP Semiconductors 74HC193N Datasheet HTML 5Page - NXP Semiconductors 74HC193N Datasheet HTML 6Page - NXP Semiconductors 74HC193N Datasheet HTML 7Page - NXP Semiconductors 74HC193N Datasheet HTML 8Page - NXP Semiconductors 74HC193N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
74HC_HCT193_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 23 May 2007
5 of 29
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
LOW-to-HIGH, edge triggered.
Fig 5.
Pin configuration SO16
Fig 6.
Pin configuration TSSOP16
and SSOP16
Fig 7.
Pin configuration DIP16
D1
VCC
Q1
D0
Q0
MR
CPD
TCD
CPU
TCU
Q2
PL
Q3
D2
GND
D3
001aag406
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC193
74HCT193
74HC193
74HCT193
D1
VCC
Q1
D0
Q0
MR
CPD
TCD
CPU
TCU
Q2
PL
Q3
D2
GND
D3
001aag407
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC193
74HCT193
D1
VCC
Q1
D0
Q0
MR
CPD
TCD
CPU
TCU
Q2
PL
Q3
D2
GND
D3
001aaf408
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
D0
15
data input 0
D1
1
data input 1
D2
10
data input 2
D3
9
data input 3
Q0
3
flip-flop output 0
Q1
2
flip-flop output 1
Q2
6
flip-flop output 2
Q3
7
flip-flop output 3
CPD
4
count down clock input[1]
CPU
5
count up clock input[1]
GND
8
ground (0 V)
PL
11
asynchronous parallel load input (active LOW)
TCU
12
terminal count up (carry) output (active LOW)
TCD
13
terminal count down (borrow) output (active LOW)
MR
14
asynchronous master reset input (active HIGH)
VCC
16
supply voltage


Número de pieza similar - 74HC193N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC193N PHILIPS-74HC193N Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193N NXP-74HC193N Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
More results

Descripción similar - 74HC193N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com