Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC253N Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HC253N
Descripción Electrónicos  Dual 4-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC253N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC253N Datasheet HTML 4Page - NXP Semiconductors 74HC253N Datasheet HTML 5Page - NXP Semiconductors 74HC253N Datasheet HTML 6Page - NXP Semiconductors 74HC253N Datasheet HTML 7Page - NXP Semiconductors 74HC253N Datasheet HTML 8Page - NXP Semiconductors 74HC253N Datasheet HTML 9Page - NXP Semiconductors 74HC253N Datasheet HTML 10Page - NXP Semiconductors 74HC253N Datasheet HTML 11Page - NXP Semiconductors 74HC253N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74HC_HCT253_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 22 April 2010
8 of 17
NXP Semiconductors
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
[1]
tpd is the same as tPHL, tPLH.
[2]
ten is the same as tPZH, tPZL.
[3]
tdis is the same as tPHZ, tPLZ.
[4]
tt is the same as tTHL, tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
14
60
75
90
ns
VCC = 4.5 V
5
12
15
18
ns
VCC = 6.0 V
4
10
13
15
ns
CPD
power dissipation
capacitance
per multiplexer;
VI =GND to VCC
[5]
55
-
pF
74HCT253
tpd
propagation delay
1ln to 1Y or 2ln to 2Y;
see Figure 6
[1]
VCC = 4.5 V
20
38
48
57
ns
VCC = 5.0 V; CL = 15 pF
17
-
-
ns
Sn to nY; see Figure 6
VCC = 4.5 V
22
40
50
60
ns
VCC = 5.0 V; CL = 15 pF
19
-
ns
ten
enable time
nOE to nY; VCC = 4.5 V; see
Figure 7
[2]
14
30
38
45
ns
tdis
disable time
nOE to nY; VCC =4.5 V;
see Figure 7
[3]
13
30
38
45
ns
tt
transition time
VCC = 4.5 V; see Figure 6
512
15
18
ns
CPD
power dissipation
capacitance
per multiplexer;
VI =GND to VCC
[5]
55
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Typ
Max
Max
Max


Número de pieza similar - 74HC253N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC253N PHILIPS-74HC253N Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
More results

Descripción similar - 74HC253N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com