Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC594DB Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74HC594DB
Descripción Electrónicos  8-bit shift register with output register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC594DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC594DB Datasheet HTML 1Page - NXP Semiconductors 74HC594DB Datasheet HTML 2Page - NXP Semiconductors 74HC594DB Datasheet HTML 3Page - NXP Semiconductors 74HC594DB Datasheet HTML 4Page - NXP Semiconductors 74HC594DB Datasheet HTML 5Page - NXP Semiconductors 74HC594DB Datasheet HTML 6Page - NXP Semiconductors 74HC594DB Datasheet HTML 7Page - NXP Semiconductors 74HC594DB Datasheet HTML 8Page - NXP Semiconductors 74HC594DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
2 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74HC594D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC594DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC594N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT594D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT594DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT594N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
Fig 1.
Functional diagram
mbc320
Q7
Q0 Q1 Q2 Q3 Q4 Q5 Q6
DS
SHCP
SHR
STCP
STR
14
10
13
11
12
15
9
1
234567
8-STAGE SHIFT REGISTER
8-BIT STORAGE REGISTER
Q7S


Número de pieza similar - 74HC594DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC594DB PHILIPS-74HC594DB Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
logo
Nexperia B.V. All right...
74HC594DB NEXPERIA-74HC594DB Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results

Descripción similar - 74HC594DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com