Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2GU04GV Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC2GU04GV
Descripción Electrónicos  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04GV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC2GU04GV Datasheet HTML 2Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 3Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 4Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 9Page - NXP Semiconductors 74HC2GU04GV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74HC2GU04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
6 of 15
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL
[2]
tt is the same as tTLH and tTHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min Typ Max Min
Max
(85
°C)
Max
(125
°C)
tpd
propagation delay
nA to nY; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
13
60
-
75
90
ns
VCC = 4.5 V; CL = 50 pF
-
6
12
-
15
18
ns
VCC = 6.0 V; CL = 50 pF
-
5
10
-
13
15
ns
tt
transition time
nY; see Figure 5
[2]
VCC = 2.0 V; CL = 50 pF
-
18
75
-
95
125
ns
VCC = 4.5 V; CL = 50 pF
-
6
15
-
19
25
ns
VCC = 6.0 V; CL = 50 pF
-
5
13
-
16
20
ns
CPD
power dissipation capacitance VI = GND to VCC
[3]
-5-
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
The data input (nA) to output (nY) propagation delays and output transition times
mna722
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA input
VI
GND
VOH
VOL
tTLH
tTHL


Número de pieza similar - 74HC2GU04GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
More results

Descripción similar - 74HC2GU04GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com