Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G74 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74LVC1G74
Descripción Electrónicos  Single D-type flip-flop with set and reset; positive edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G74 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G74_09 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74LVC1G74_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 December 2009
2 of 21
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVC1G74DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads; body
width 3 mm; lead length 0.5 mm
SOT505-2
74LVC1G74DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC1G74GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads; 8
terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC1G74GF
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1 × 0.5 mm
SOT1089
74LVC1G74GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC1G74GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code[1]
74LVC1G74DP
V74
74LVC1G74DC
V74
74LVC1G74GT
V74
74LVC1G74GF
Y4
74LVC1G74GD
V74
74LVC1G74GM
V74
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah757
RD
FF
SD
Q
Q
Q
Q
SD
CP
CP
D
D
RD
001aah758
C1
S
1D
R


Número de pieza similar - 74LVC1G74_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
More results

Descripción similar - 74LVC1G74_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com